this document was generated on 08/26/2014 please check www.molex.com for latest part information part number: 39-29-9146 status: active overview: mini-fit jr.? power connectors description: mini-fit? jr. header, dual row, vertical, with snap-in plastic peg pcb lock, 14 circuits, pa polyamide nylon 6/6 94v-0, tin (sn) plating, with drain holes documents: 3d model test summary ts-5556-002 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-5556-001 (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 5566 application power, wire-to-board comments the 5566 header should be used with standard mini- fit? female terminals. if increased amperage of up to 13a per circuit is needed, please consider using the mini-fit? plus hcs family 45750 terminals with 46015 headers; . see molex product specification ps-5666-001 for current de-rating information. overview mini-fit jr.? power connectors product name mini-fit jr.? upc 800754377126 physical breakaway no circuits (loaded) 14 circuits (maximum) 14 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon net weight 2.923/g number of rows 2 orientation vertical pc tail length 3.50mm pcb locator yes pcb retention yes pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 4.20mm pitch - termination interface 4.20mm polarized to mating part yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5566 series mates with 5557 mini-fit jr.? receptacle housing
polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 9a voltage - maximum 600v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 240 material info old part number 5566-14B2-210 reference - drawing numbers product specification ps-5556-001 sales drawing sda-5566-n*2*-* test summary ts-5556-002 this document was generated on 08/26/2014 please check www.molex.com for latest part information
|